Part Number Hot Search : 
UC3844 15RB100K 66000 66000 OMAP3503 LM3860 IRF83 1N3030B
Product Description
Full Text Search
 

To Download 0010011024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0010011024 Active
kk 5.08mm (.200") Pitch KK(R) Crimp Terminal Housing, 2 Circuits
Product Specification PS-99020-0087 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Overview Product Name Crimp Housings 3001 kk KK(R)
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating 2 Natural 94V-2 Female No Nylon 1 Bag No 0.200 In 5.08 mm -40C to +105C
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Search Parts in this Series 3001Series Mates With 3061 , 3003 , 3008
Material Info
Old Part Number 3001-02
Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0087 SD-91813-001, SDE-3001-N-*
Use With 2478 Crimp Terminals for 18-24 AWG, 2578 Crimp Terminals for 22-26 AWG, 2878
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0010011024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X